|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SI2335DS New Product Vishay Siliconix P-Channel 12-V (D-S) MOSFET PRODUCT SUMMARY VDS (V) -12 rDS(on) (W) 0.051 @ VGS = -4.5 V 0.070 @ VGS = -2.5 V 0.106 @ VGS = -1.8 V ID (A) -4.0 -3.5 -3.0 TO-236 (SOT-23) G 1 3 S 2 D Top View SI2335DS (E5)* *Marking Code ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED) Parameter Drain-Source Voltage Gate-Source Voltage Continuous Drain Current (TJ = 150_C)a, b _ Pulsed Drain Current Continuous Source Current (Diode Conduction)a, b Maximum Power Dissipationa, b Operating Junction and Storage Temperature Range TA = 25_C TA = 70_C TA = 25_C TA = 70_C Symbol VDS VGS ID IDM IS 5 sec -12 $8 -4.0 -3.3 -15 Steady State Unit V -3.2 -2.6 A -1.6 1.25 0.75 0.48 -55 to 150 W _C PD TJ, Tstg 0.8 THERMAL RESISTANCE RATINGS Parameter t v 5 sec Maximum Junction-to-Ambienta Maximum Junction-to-Foot (Drain) Notes a. Surface Mounted on 1" x 1" FR4 Board. b. Pulse width limited by maximum junction temperature. Document Number: 71314 S-02303--Rev. A, 23-Oct-00 www.vishay.com Steady State Steady State RthJA RthJF Symbol Typical 75 120 40 Maximum 100 166 50 Unit _C/W C/W 1 SI2335DS Vishay Siliconix New Product SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED) Limits Parameter Static Drain-Source Breakdown Voltage Gate-Threshold Voltage Gate-Body Leakage Zero Gate Voltage Drain Current V(BR)DSS VGS(th) IGSS IDSS VGS = 0 V, ID = -10 mA VDS = VGS, ID = -250 mA VDS = 0 V, VGS = "8 V VDS = -9.6 V, VGS = 0 V VDS = -9.6 V, VGS = 0 V, TJ = 55_C VDS v -5 V, VGS = -4.5 V ID(on) VDS v -5 V, VGS = -2.5 V VGS = -4.5 V, ID = -4.0 A Drain-Source On-Resistancea rDS(on) VGS = -2.5 V, ID = -3.5 A VGS = -1.8 V, ID = -2.0 A Forward Transconductancea Diode Forward Voltage gfs VSD VDS = -5 V, ID = -4.0 A IS = -1.6 A, VGS = 0 V -15 -6 0.042 0.058 0.082 7 -1.2 0.051 0.070 0.106 S V W A -12 -0.45 "100 -1 -10 mA m V nA Symbol Test Conditions Min Typ Max Unit On-State Drain Currenta Dynamicb Total Gate Charge Gate-Source Charge Gate-Drain Charge Input Capacitance Output Capacitance Reverse Transfer Capacitance Qg Qgs Qgd Ciss Coss Crss VDS = -6 V, VGS = 0, f = 1 MHz VDS = -6 V, VGS = -4.5 V ID ^ -4.0 A 9 1.9 1.5 1225 260 130 pF 15 nC Switchingc td(on) Turn-On Time tr td(off) tf Notes a. Pulse test: PW v300 ms duty cycle v2%. b. c. For DESIGN AID ONLY, not subject to production testing. Switching time is essentially independent of operating temperature. VDD = -6 V, RL = 6 W ID ^ -1.0 A, VGEN = -4.5 V RG = 6 W 13.0 15 50 19 20 25 ns 70 35 Turn-Off Time www.vishay.com 2 Document Number: 71314 S-02303--Rev. A, 23-Oct-00 SI2335DS New Product TYPICAL CHARACTERISTICS (25_C UNLESS NOTED) Output Characteristics 15 VGS = 4.5 thru 2.5 V 12 I D - Drain Current (A) I D - Drain Current (A) 12 TC = -55_C 25_C 9 125_C 6 15 Vishay Siliconix Transfer Characteristics 9 2V 6 3 1.5 V 1, 0.5 V 3 0 0 2 4 6 8 10 0 0.0 0.5 1.0 1.5 2.0 2.5 VDS - Drain-to-Source Voltage (V) VGS - Gate-to-Source Voltage (V) On-Resistance vs. Drain Current 0.30 2000 Capacitance r DS(on) - On-Resistance ( W ) 0.25 C - Capacitance (pF) 1500 Ciss 0.20 VGS = 1.8 V 0.15 1000 0.10 VGS = 2.5 V 500 0.05 VGS = 4.5 V 0.00 0 3 6 9 12 15 0 0 3 6 Coss Crss 9 12 ID - Drain Current (A) VDS - Drain-to-Source Voltage (V) Gate Charge 8 V GS - Gate-to-Source Voltage (V) VDS = 6 V ID = 4.0 A 6 1.6 On-Resistance vs. Junction Temperature r DS(on) - On-Resistance ( W) (Normalized) 1.4 VGS = 4.5 V ID = 4.0 A 1.2 4 1.0 2 0.8 0 0 5 10 15 20 0.6 -50 -25 0 25 50 75 100 125 150 Qg - Total Gate Charge (nC) TJ - Junction Temperature (_C) Document Number: 71314 S-02303--Rev. A, 23-Oct-00 www.vishay.com 3 SI2335DS Vishay Siliconix New Product TYPICAL CHARACTERISTICS (25_C UNLESS NOTED) Source-Drain Diode Forward Voltage 20 10 r DS(on) - On-Resistance ( W ) 0.4 ID = 4.0 A 0.3 0.5 On-Resistance vs. Gate-to-Source Voltage I S - Source Current (A) TJ = 150_C TJ = 25_C 1 0.2 0.1 0.1 0.0 0.2 0.4 0.6 0.8 1.0 1.2 0.0 0 2 4 6 8 VSD - Source-to-Drain Voltage (V) VGS - Gate-to-Source Voltage (V) Threshold Voltage 0.4 ID = 250 mA 12 10 Single Pulse Power 0.3 V GS(th) Variance (V) 0.2 Power (W) 8 0.1 6 0.0 4 TA = 25_C -0.1 2 -0.2 -50 0 -25 0 25 50 75 100 125 150 0.01 0.1 1 Time (sec) 10 100 600 TJ - Temperature (_C) Normalized Thermal Transient Impedance, Junction-to-Ambient 2 1 Duty Cycle = 0.5 Normalized Effective Transient Thermal Impedance 0.2 0.1 0.1 0.05 0.02 Notes: PDM t1 t2 1. Duty Cycle, D = t1 t2 2. Per Unit Base = RthJA = 120_C/W 3. TJM - TA = PDMZthJA(t) 4. Surface Mounted Single Pulse 0.01 10-4 10-3 10-2 10-1 1 10 100 600 Square Wave Pulse Duration (sec) www.vishay.com 4 Document Number: 71314 S-02303--Rev. A, 23-Oct-00 |
Price & Availability of SI2335DS |